PART |
Description |
Maker |
SD1053C18S20L SD1053C18S30L SD1053C22S20L SD1053C2 |
920 A, 2200 V, SILICON, RECTIFIER DIODE, DO-200AB 1050 A, 2200 V, SILICON, RECTIFIER DIODE, DO-200AB 3000V Fast Recovery Diode in a DO-200AB (B-Puk) package 2800V Fast Recovery Diode in a DO-200AB (B-Puk) package 2500V Fast Recovery Diode in a DO-200AB (B-Puk) package 2200V Fast Recovery Diode in a DO-200AB (B-Puk) package 1800V Fast Recovery Diode in a DO-200AB (B-Puk) package
|
VISHAY SEMICONDUCTORS International Rectifier
|
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
SD203R25S20PV SD203N SD203N04S10MBC SD203N04S10MBV |
1200V Fast Recovery Diode in a DO-205AB (DO-9) package 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V Fast Recovery Diode in a DO-205AB (DO-9) package XSTR FET-N DEPL 500V 1K TO243 SEMICONDUCTOR DEVICE, TRANSISTOR, P-CHANNEL MOSFET (SOT-89) XSTR M N 100V 1.5R 3.0A ,IC, HIGH VOLT EL DRIVER, SO-8 DIODE SCHOTTKY 40V/1A SS14 SMA 快速恢复二极管螺柱版本 TRANSISTOR, DN2540 N-FET S 快速恢复二极管螺柱版本 FAST RECOVERY DIODES Stud Version 快速恢复二极管螺柱版本
|
IRF[International Rectifier] International Rectifier, Corp.
|
70EPF06J 70EPF02 70EPF02J 70EPF04 70EPF04J 70EPF06 |
600V Fast Recovery Diode in a PowIRtab package 400V Fast Recovery Diode in a PowIRtab package 200V Fast Recovery Diode in a PowIRtab package FAST SOFT RECOVERY RECTIFIER DIODE
|
IRF[International Rectifier]
|
SD803C04S10C SD803C08S10C SD803C10S10C SD803C12S15 |
800V Fast Recovery Diode in a B-43 (E-Puk) package 1000V Fast Recovery Diode in a B-43 (E-Puk) package 1200V Fast Recovery Diode in a B-43 (E-Puk) package 1400V Fast Recovery Diode in a B-43 (E-Puk) package 1600V Fast Recovery Diode in a B-43 (E-Puk) package
|
International Rectifier
|
SD300C08C SD300C20C SD300C12C SD300C16C SD300C25C |
800V 650A Std. Recovery Diode in a DO-200AA (A-Puk)package 2000V 650A Std. Recovery Diode in a DO-200AA (A-Puk)package 1200V 650A Std. Recovery Diode in a DO-200AA (A-Puk)package 1600V 650A Std. Recovery Diode in a DO-200AA (A-Puk)package 2500V 540A Std. Recovery Diode in a DO-200AA (A-Puk)package 2800V 540A Std. Recovery Diode in a DO-200AA (A-Puk)package 3200V 540A Std. Recovery Diode in a DO-200AA (A-Puk)package
|
International Rectifier
|
DSEK60-12A |
Fast Recovery Diodes Common Cathode Fast Recovery Epitaxial Diode (FRED) 26 A, 1200 V, SILICON, RECTIFIER DIODE, TO-247AD
|
IXYS[IXYS Corporation] IXYS, Corp.
|
DSEI120 DSEI120-06A |
Fast Recovery Diodes Fast Recovery Epitaxial Diode (FRED) 126 A, 600 V, SILICON, RECTIFIER DIODE, TO-247AD
|
IXYS[IXYS Corporation] IXYS, Corp.
|
R5021018 R5030418 R5031418 R5031018 R5020818 R5021 |
Fast Recovery Rectifier (175 Amperes Average 1400 Volts) Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 快速恢复整流器175安培平均1400伏特 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 800V, 175A fast recovery single diode 1400V, 175A fast recovery single diode 1000V, 175A fast recovery single diode 1200V, 175A fast recovery single diode 600V, 175A fast recovery single diode
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semicondu...
|
80EPF12 80EPF10 |
1200V Fast Recovery Diode in a TO-247AC package FAST SOFT RECOVERY RECTIFIER DIODE
|
IRF[International Rectifier]
|
TFR2N TFR2T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|